Part Number Hot Search : 
V300C24 R2A33 DTC114 18R104C SN74LS47 5DU121 SKIIP3 MAX924
Product Description
Full Text Search
 

To Download BSP75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HITFET(R) BSP 75
Smart Lowside Power Switch
Features
* Logic Level Input * Input protection (ESD) * Thermal shutdown (with restart) * Overload protection * Short circuit protection * Overvoltage protection * Current limitation
Product Summary Continuous drain source voltage On-state resistance Current limitation Nominal load current Clamping energy
VDS RDS(ON) ID(lim) ID(Nom) EAS
55 550 1 0.7 550
V m A A mJ
Application
* All kinds of resistive, inductive and capacitive loads in switching applications * C compatible power switch for 12 V and 24 V DC applications * Replaces electromechanical relays and discrete circuits
General Description
N channel vertical power FET in Smart Power Technology. Fully protected by embedded protection functions.
V bb
+
LOAD M
Drain 2 Overvoltage protection
1
IN
dv/dt limitation Short circuit protection Short circuit Current protection limitation Source
ESD
Overtemperature protection
3
4
(R) HITFET
Pin 1 2 3 TAB
Symbol IN DRAIN SOURCE SUBSTRATE
Function Input Output to the load Ground Must be connected to Pin 3
Semiconductor Group
Page 1 of 9
1998-02-04
HITFET(R) BSP 75
Maximum Ratings at Tj=25C unless otherwise specified Parameter Continuous drain source voltage (overvoltage protection see page 4) Drain source voltage for short circuit protection Load dump protection VLoadDump=UP+US; UP=13.5 V RI1)=2 ; td=400ms; IN=low or high (8V) RL=50 RI=2 ; td=400ms; IN=high (8V) RL=22 Continuous input voltage Peak input voltage Operating temperature range Storage temperature range Power dissipation (DC) Unclamped single pulse inductive energy ID(ISO) = 0.7 A Electrostatic discharge voltage (Human Body Model) according to MIL STD 883D, method 3015.7 and EOS/ESD assn. standard S5.1 - 1993 DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 Thermal resistance junction soldering point: junction - ambient 3): Symbol VDS Values 55 32 Unit V V V 80 47 -0.2 ... +10 -0.2 ... +20 -40 ...+150 -55 ...+150 1.8 550 4000
VDS VLoadDump2)
VIN VIN Tj Tstg Ptot EAS VESD
V V C W mJ V
E 40/150/56
RthJS RthJA
10 70
K/W
1) 2)
RI=internal resistance of the load dump test pulse generator LD200 VLoadDump is setup without DUT connected to the generator per ISO 7637-1 and DIN 40 839. 3) Device on epoxy pcb 40mm x 40 mm x 1.5mm with 6cm 2 copper area for pin 4 connection
Semiconductor Group
Page 2
1998-02-04
HITFET(R) BSP 75 Electrical Characteristics
Parameter and Conditions
at Tj = 25 C, unless otherwise specified
Symbol
Values min typ max
Unit
Static Characteristics Drain source clamp voltage ID = 10 mA Tj =-40...+150C: Off state drain current VIN = 0 V, VDS = 32 V Tj =-40...+150C: Input threshold voltage ID = 10 mA Input current normal operation, IDVDS(AZ) IDSS VIN(th) IIN(1) IIN(2) IIN(3) RDS(on)
55 -2 --1000 ----0.7
--2.5 100 200 1500 550 850 475 750 --
70 5 3 200 300 2000 675 1350 550 1000 --
V A V A
m
RDS(on) ID(Nom)
m A
ID(lim)
1
1.5
1.9
A
ton toff
-dVDS/dt on dVDS/dt off
-----
10 10 4 4
20 20 10 10
s s V/s V/s
Semiconductor Group
Page 3
1998-02-04
HITFET(R) BSP 75
Parameter and Conditions
at Tj = 25 C, unless otherwise specified
Symbol
Values min typ max
Unit
Protection Functions Thermal overload trip temperature Tjt Thermal hysteresis Tjt Unclamped single pulse inductive energy ID(ISO)=0.7 A, Vbb=32 V Tj=25 C EAS Tj=150 C Inverse Diode Continuous source drain voltage VIN = 0 V, -ID = 2*0.7 A
150 -550 200
165 10 ---
-----
C K mJ
VSD
--
1
--
V
Circuit Description
The BSP 75 is a monolithic power switch in Smart Power Technology (SPT) with a logic level input, an open drain DMOS output stage and integrated protection functions. It is designed for all kind of resistive and inductive loads (relays, solenoid) in automotive and industrial applications.
Protection functions * Overvoltage protection: An internal clamp limits the output voltage at VDS(AZ) (about 63 V) when inductive loads are switched off. * Current limitation: By means of an internal current measurement the drain current is limited at ID(lim) (1.4 - 1.5 A typ.). If the current limitation is active the device operates in the linear region, so power dissipation may exceed the capability of the heatsink. This operation leads to an increasing junction temperature until the overtemperature threshold is reached. * Overtemperature and short circuit protection: This protection is based on sensing the chip temperature. The location of the sensor ensures a fast and accurate junction temperature detection. Overtemperature shutdown occurs at minimum 150 C. A hysteresis of typ. 10 K enables an automatical restart by cooling. The device is ESD protected according Human Body Model (4 kV) and load dump protected (see Maximum Ratings).
Semiconductor Group
Page 4
1998-02-04
HITFET(R) BSP 75 Block diagram
Terms
V Z
Inductive and overvoltage output clamp
D
RL
S
I IN 1 IN HITFET S VIN 3 2 D ID VDS Vbb
HITFET
VIN
Input circuit (ESD protection)
IN
VDS
ESD-ZD I
VDS(AZ)
VBB
Source
t ESD zener diodes are not designed for DC current.
Turn on into overload or short circuit
VIN
ID
ID(lim)
t
Shut down by overtemperature and restart by cooling. Current internally limited at I D(lim).
Semiconductor Group
Page 5
1998-02-04
HITFET(R) BSP 75
Maximum allowable power dissipation Ptot = f (TC) Ptot [W]
2 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 25 50 75 10 0 125 150
On-state resistance RON = f (Tj); ID= 0.7 A; VIN= 10 V RON [m]
1 000 900 800 700 600 500 400 300 200 100 0 -50 -2 5 0 25 50 75 100 125 150 typ . m a x.
TC [C] On-state resistance RON = f (Tj); ID= 0.7 A; VIN= 5 V RON [m]
1 400
Tj [C] Typ. input threshold voltage VIN(th) = f (Tj); ID= 10 mA; VDS= 12 V VIN(th) [V]
3
1 200
2.5
1 000 2 800 m a x. 1.5 600 typ . 400 0.5 1
200
0 -50 -2 5 0 25 50 75 100 125 150
0 -50 -25 0 25 50 75 1 00 12 5 150
Tj [C]
Tj [C]
Semiconductor Group
Page 6
1998-02-04
HITFET(R) BSP 75
Typ. on-state resistance RON = f (VIN) ID= 0.7 A; Tj= 25C RON [m]
2 000
Typ. current limitation ID(lim) = f (Tj); VDS=12V, VIN= 10V ID(lim) [A]
1.5
1.4 1 500
1.3 1 000 1.2
500 1.1
0 0 2 4 6 8 10
1 -50 -25 0 25 50 75 1 00 12 5 150
VIN [V] Typ. short circuit current ID(SC) = f (VIN); VDS=12V, Tj= 25C ID(SC) [A]
1.6 1.4 1.2 1
0.01
Tj [C] Transient thermal impendance ZthJC = f (tp) Parameter: D=tp/T ZthJC [K/W]
1 E+ 2 D=
0.5 0.2
1 E+ 1
0.1 0.05
0.8 0.6
1 E+ 0
0.02 0.005
P tot tp
T
t
0.4 0.2
1E-1
0
0 0 2 4 6 8 10
1E-2 1E-6 1E-5 1E-4 1E-3 1E-2 1E-1 1E+0 1E+1 1E+2 1E+3 1E+4
VIN [V]
tp [s]
Semiconductor Group
Page 7
1998-02-04
HITFET(R) BSP 75
Application examples:
Status signal of thermal shutdown by monitoring input current
R St IN D S Vbb
C
VIN
HITFET
V VIN
thermal shutdown
Semiconductor Group
Page 8
1998-02-04
HITFET(R) BSP 75
Package and ordering code
all dimensions in mm SOT223/4
BSP75 Ordering code Q67060-S7200-A2
Definition of soldering point with temperature Ts: upper side of solder edge of device pin 4.
Pin 4
Semiconductor Group
Page 9
1998-02-04


▲Up To Search▲   

 
Price & Availability of BSP75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X